Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD61202U Datasheet (PDF) - Hitachi Semiconductor

HD61202U Datasheet PDF - Hitachi Semiconductor
Part # HD61202U
Download  HD61202U Download

File Size   197.99 Kbytes
Page   33 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dot Matrix Liquid Crystal GraphicDisplay Column Driver

HD61202U Datasheet (PDF)

Go To PDF Page Download Datasheet
HD61202U Datasheet PDF - Hitachi Semiconductor

Part # HD61202U
Download  HD61202U Click to download

File Size   197.99 Kbytes
Page   33 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dot Matrix Liquid Crystal GraphicDisplay Column Driver

HD61202U Datasheet (HTML) - Hitachi Semiconductor

Back Button HD61202U Datasheet HTML 1Page - Hitachi Semiconductor HD61202U Datasheet HTML 2Page - Hitachi Semiconductor HD61202U Datasheet HTML 3Page - Hitachi Semiconductor HD61202U Datasheet HTML 4Page - Hitachi Semiconductor HD61202U Datasheet HTML 5Page - Hitachi Semiconductor HD61202U Datasheet HTML 6Page - Hitachi Semiconductor HD61202U Datasheet HTML 7Page - Hitachi Semiconductor HD61202U Datasheet HTML 8Page - Hitachi Semiconductor HD61202U Datasheet HTML 9Page - Hitachi Semiconductor HD61202U Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD61202U Product details

Description
HD61202U is a column (segment) driver for dot matrix liquid crystal graphic display systems. It stores the display data transferred from a 8-bit micro controller in the internal display RAM and generates dot matrix liquid crystal driving signals.

Features
• Dot matrix liquid crystal graphic display column driver incorporating display RAM
• RAM data direct display by internal display RAM
    - RAM bit data 1: On
    - RAM bit data 0: Off
• Internal display RAM address counter preset, increment
• Display RAM capacity: 512 bytes (4096 bits)
• 8-bit parallel interface
• Internal liquid crystal display driver circuit: 64
• Display duty cycle
    Drives liquid crystal panels with 1/32–1/64 duty cycle multiplexing
• Wide range of instruction function
    Display data read/write, display on/off, set address, set display start line, read status
• Lower power dissipation: during display 2 mW max
• Power supply: VCC: 2.7V~5.5V
• Liquid crystal display driving voltage: 8V to 16V
• CMOS process




Similar Part No. - HD61202U

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U Datasheet
95Kb / 30P
   (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
HD61203U HITACHI-HD61203U Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UFS HITACHI-HD61203UFS Datasheet
95Kb / 30P
   (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
HD61203UFS HITACHI-HD61203UFS Datasheet
170Kb / 29P
   Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
HD61203UTE HITACHI-HD61203UTE Datasheet
95Kb / 30P
   (Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
More results


Similar Description - HD61202U

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
logo
Hitachi Semiconductor
HD66204 HITACHI-HD66204 Datasheet
643Kb / 15P
   DOT MATRIX LIQUID CRYSTAL GRAPHIC DISPLAY COLUMN DRIVER WITH 80-CHANNEL OUPUTS
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com