![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SC1306 - Silicon NPN Transistor Final RF Power Output - ETC |
|
Click Here View 2SC1306 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NTE235 | Silicon NPN Transistor Final RF Power Output | NTE Electronics |
| NTE236 | Silicon NPN Transistor Final RF Power Output PO = 16W 27MHz SSB | NTE Electronics |
| NTE361 | Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz | NTE Electronics |
| NTE78 | Silicon NPN Transistor RF Power Output | NTE Electronics |
| BFN22 | NPN Silicon High-Voltage Transistor Suitable for video output stages in TV sets and switching power supplies High breakdown voltage | Siemens Semiconductor Group |
| NTE488 | Silicon NPN Transistor RF Power Output | NTE Electronics |
| NTE365 | Silicon NPN Transistor RF Power Output PO = 15W @ 512MHz | NTE Electronics |
| NTE282 | Silicon NPN Transistor Final RF Power Amp Switch | NTE Electronics |
| NTE366 | Silicon NPN Transistor RF Power Output PO = 25W @ 512MHz | NTE Electronics |
| NTE124 | Silicon NPN Transistor High Voltage Power Output | NTE Electronics |
Link URL |
|
|
Related keyword |
| 2SC1306 Datasheet | 2SC1306 Cross Reference | 2SC1306 Schematic | 2SC1306 Distributor | 2SC1306 Datenblatt | 2SC1306 RoHS |
| 2SC1306 Equivalent | 2SC1306 Application Notes | 2SC1306 Data Sheet | 2SC1306 component | 2SC1306 Fiche Technique | 2SC1306 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |