Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W530-02 Datasheet (PDF) - Cypress Semiconductor

W530-02 Datasheet PDF - Cypress Semiconductor
Part # W530-02
Download  W530-02 Download

File Size   92.0 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Frequency-multiplying, Peak-reducing EMI Solution

W530-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
W530-02 Datasheet PDF - Cypress Semiconductor

Part # W530-02
Download  W530-02 Click to download

File Size   92.0 Kbytes
Page   8 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Frequency-multiplying, Peak-reducing EMI Solution

W530-02 Datasheet (HTML) - Cypress Semiconductor

W530-02 Datasheet HTML 1Page - Cypress Semiconductor W530-02 Datasheet HTML 2Page - Cypress Semiconductor W530-02 Datasheet HTML 3Page - Cypress Semiconductor W530-02 Datasheet HTML 4Page - Cypress Semiconductor W530-02 Datasheet HTML 5Page - Cypress Semiconductor W530-02 Datasheet HTML 6Page - Cypress Semiconductor W530-02 Datasheet HTML 7Page - Cypress Semiconductor W530-02 Datasheet HTML 8Page - Cypress Semiconductor

W530-02 Product details

Features

• Cypress PREMIS™ SMARTSPREAD™ family offering

• Generates an electromagnetic-interference (EMI)-optimized clocking signal at the output

• Selectable frequency range and multiplication factor

• Single 1.25%, 2.5%, 5%, or 10%, down or center spread output

• Integrated loop filter components

• Operates with a 3.3V or 5V supply

• Low-power CMOS design

• Higher drive strength, higher frequency support than W530

• Available in 20-pin SSOP



 




Similar Part No. - W530-02

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
W5300 WIZNET-W5300 Datasheet
2Mb / 128P
   High-Performance Internet Connectivity Solution
Version 1.3.1
More results


Similar Description - W530-02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W245-30 CYPRESS-W245-30 Datasheet
116Kb / 12P
   Frequency Multiplying, Peak Reducing EMI Solution
CY25245 CYPRESS-CY25245 Datasheet
233Kb / 11P
   Frequency-multiplying, Peak-reducing EMI Solution
W532 CYPRESS-W532 Datasheet
129Kb / 8P
   Frequency Multiplying, Peak Reducing EMI Solution
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com