|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MTC16 - 16 Lead Molded Thin Shrink Small Outline Package, JEDEC NS Package Number MTC16 - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MTD48 | 48 Lead Molded Thin Shrink Small Outline Package JEDEC | 1 | National Semiconductor |
| MC16A | 16 Lead Ceramic Small Outline Package NS Package Number MC16A | 1 | National Semiconductor |
| MSA20 | 20-Lead Shrink Small Outline Package SSOP EIAJ TYPE II 5.3mm Wide Package Number MSA20 | 1 | Fairchild Semiconductor |
| FPT-20P-M04 | THIN SHRINK SMALL OUTLINE PACKAGE | 1 | Fujitsu Component Limited. |
| V68A | 68 Lead Molded Plastic Leaded Chip Carrier NS Package Number V68A | 1 | National Semiconductor |
| M24.173B | Thin Shrink Small Outline Wxposed Pad Plastic Packages EPTSSOP | 1 | Intersil Corporation |
| TA12A | 12 Lead Molded TO-220 NS Package Number TA12A | 1 | National Semiconductor |
| SSOP24 | 24-LEAD SHRINK SMALL OUTLINE PACKAGE | 1 2 3 4 | STMicroelectronics |
| SOT765-1 | plastic very thin shrink small outline package; 8 leads; body width 2.3 mm | 1 | NXP Semiconductors |
| Z03B | 3 Lead Molded TO-92 NS Package Number Z03B | 1 | National Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|