|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
U2795B-MFPG3 - 2.5-GHz Double balanced Mixer - ATMEL Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| U2795B | 2.5-GHz Double Balanced Mixer | 1 2 3 4 5 More | TEMIC Semiconductors |
| EMD40-1800H | E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz | 1 2 | Tyco Electronics |
| MA4EX950H-1225 | Silicon Double Balanced HMICTM Mixer 700 - 1200 MHz | 1 2 3 4 | Tyco Electronics |
| HMC13MS8 | GaAs MMIC SMT DOUBLE BALANCED MIXER 1.5 - 4.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| EMD40-1800L | E-Series HMIC Double Balanced Mixer 1400 - 2000 MHz | 1 2 | Tyco Electronics |
| MA4EX950L-1225 | Low Cost Silicon Double Balanced HMIC Mixer 700 - 1200 MHz | 1 2 3 | Tyco Electronics |
| EMD40-2400L | E-Series HMIC Double Balanced Mixer 1400 - 2500 MHz | 1 2 3 | Tyco Electronics |
| MA4EX950M-1225T | Silicon Double Balanced HMICTM Mixer 700 - 1200 MHz | 1 2 3 | Tyco Electronics |
| EMD40-900H | E-Series HMIC Double Balanced Mixer 700 - 1400 MHz | 1 2 | Tyco Electronics |
| MD20-0016-S | Double Balanced Mixer 0.5 - 500 MHz | 1 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|