|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
RZ1175 - Avalanche Diodes with built-in Thyristor - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RZ1030 | Avalanche Diodes with built-in Thyristor | 1 2 | Sanken electric |
| RZ1235 | Avalanche Diodes with built-in Thyristor | 1 | List of Unclassifed Manufacturers |
| TFD312S | TO-220F 3A Thyristor with built-in Avalanche diode | 1 2 | Sanken electric |
| STA481A | NPN Darlington With built-in avalanche diode | 1 | Sanken electric |
| VUC36-12GO2 | Three Phase Rectifier Bridge with Fast Diodes and Softstart Thyristor | 1 2 | IXYS Corporation |
| STA485A | NPN Darlington With built-in avalanche diode | 1 | Sanken electric |
| TFC561D | TO-220S Thyristor with built-in reverse diode for HID lamp ignition | 1 | Sanken electric |
| SDC03 | NPN Darlington With built-in avalanche diode | 1 | Sanken electric |
| SDC04 | NPN Darlington With built-in avalanche diode | 1 | Sanken electric |
| 7MBR35SD120 | PIM/Built-in converter with thyristor and brake S series 1200V / 35A / PIM | 1 2 3 4 5 More | Fuji Electric |
Datasheet Page |
1 |
Link URL |
|
|