|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NJM2594M - DOUBLE BALANCED MODULATION / DEMODULATION - New Japan Radio |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA4EX180H-1225T | Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz | 1 2 3 | Tyco Electronics |
| MD20-0018-S | Double Balanced Mixer 5 - 1500 MHz | 1 | Tyco Electronics |
| SPM5001 | RF Double Balanced Mixer | 1 2 3 | Sanyo Semicon Device |
| AM028D1-00 | 26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer | 1 2 | Alpha Industries |
| MA4EX180M-1225 | Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz | 1 2 3 4 | Tyco Electronics |
| NE602A | DOUBLE BALANCED MIXER AND OSCILLATOR | 1 2 3 4 5 More | NXP Semiconductors |
| AM028D1-A2 | 26-33 GHz Surface Mount Double Balanced Down Converter Mixer | 1 2 3 4 | Alpha Industries |
| MA4EX190H-1225 | Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz | 1 2 3 | Tyco Electronics |
| CM-2H8 | Miniature High Level Double Balanced Mixer 10-1000 MHz | 1 2 | List of Unclassifed Manufacturers |
| MA4EX190L-1225 | Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz | 1 2 3 4 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|