![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N986A - Silicon 500 mW Zener Diodes - Microsemi Corporation |
|
Click Here View 1N986A Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N5221-1 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N746 | Silicon 500 mW Zener Diodes | Microsemi Corporation |
| 1N5221 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N5985 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N957B-1 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| 1N4370 | SILICON 500 mW ZENER DIODES | Microsemi Corporation |
| SMBZ5230 | SILICON PLANAR ZENER DIODES 500mW SOT-23 PACKAGEĦĦ | Surge Components |
| SMBJ5913 | 1.5W SILICON SURFACE MOUNT ZENER DIODES | Jinan Gude Electronic Device |
| MAZ4020 | Zener Diodes Silicon planar type | Panasonic Semiconductor |
| 1N4728THRU1N4764 | 1W SILICON PLANAR ZENER DIODES | Shanghai Lunsure Electronic Tech |
Link URL |
|
|
Related keyword |
| 1N986A Datasheet | 1N986A Cross Reference | 1N986A Schematic | 1N986A Distributor | 1N986A Datenblatt | 1N986A RoHS |
| 1N986A Equivalent | 1N986A Application Notes | 1N986A Data Sheet | 1N986A component | 1N986A Fiche Technique | 1N986A Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |