|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SLTS058B - 1 Amp Plus to Minus Voltage Integrated Switching Regulator - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PT78NR100 | 1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR | 1 2 3 | Texas Instruments |
| PT78NR200 | 10-12W Plus to Minus Voltage Integrated Switching Regulator | 1 2 | Texas Instruments |
| PT6120 | 1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 More | Texas Instruments |
| 78HT200 | 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 | Texas Instruments |
| PT6620 | 6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 | Texas Instruments |
| PT78HT200 | 2 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 | Texas Instruments |
| 78HT300 | 3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 | Texas Instruments |
| PT6650 | 5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR | 1 2 3 4 5 | Texas Instruments |
| NTE7152 | Integrated Circuit Hybrid Switching Voltage Regulator | 1 2 | NTE Electronics |
| 78SR100 | 1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 | Texas Instruments |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|