|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRHNJ3130 - 100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IRHG6110 | 100V Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY | 1 2 3 4 5 More | International Rectifier |
| STL35NF10 | N-CHANNEL 100V - 0.025ohm - 35A PowerFLAT⢠LOW GATE CHARGE STripFET⢠MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| ZXMN10A08E6 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| FDS3612 | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FQA70N10 | 100V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQB44N10 | 100V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FQT7N10 | 100V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| HUF76609D3 | 10A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Intersil Corporation |
| FDC3616N | 100V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|