Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIM2B Datasheet (PDF) - Radiometrix Ltd

NIM2B Datasheet PDF - Radiometrix Ltd
Part # NIM2B
Download  NIM2B Download

File Size   235.44 Kbytes
Page   11 Pages
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd
Description Frequency Programmable 25kHz NBFM Transceiver

NIM2B Datasheet (PDF)

Go To PDF Page Download Datasheet
NIM2B Datasheet PDF - Radiometrix Ltd

Part # NIM2B
Download  NIM2B Click to download

File Size   235.44 Kbytes
Page   11 Pages
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd
Description Frequency Programmable 25kHz NBFM Transceiver

NIM2B Datasheet (HTML) - Radiometrix Ltd

Back Button NIM2B Datasheet HTML 1Page - Radiometrix Ltd NIM2B Datasheet HTML 2Page - Radiometrix Ltd NIM2B Datasheet HTML 3Page - Radiometrix Ltd NIM2B Datasheet HTML 4Page - Radiometrix Ltd NIM2B Datasheet HTML 5Page - Radiometrix Ltd NIM2B Datasheet HTML 6Page - Radiometrix Ltd NIM2B Datasheet HTML 7Page - Radiometrix Ltd NIM2B Datasheet HTML 8Page - Radiometrix Ltd NIM2B Datasheet HTML 9Page - Radiometrix Ltd NIM2B Datasheet HTML 10Page - Radiometrix Ltd Next Button 



Similar Part No. - NIM2B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NIM2-434.075-10 RADIOMETRIX-NIM2-434.075-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
NIM2-434.65-10 RADIOMETRIX-NIM2-434.65-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
NIM2-434.650-10 RADIOMETRIX-NIM2-434.650-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
NiM2-434.650-10 RADIOMETRIX-NiM2-434.650-10 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
More results


Similar Description - NIM2B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NIM1B RADIOMETRIX-NIM1B Datasheet
197Kb / 13P
   Frequency Programmable 25kHz NBFM VHF Transceiver
AIM1 RADIOMETRIX-AIM1 Datasheet
298Kb / 9P
   Frequency Programmable 25kHz NBFM VHF Transceiver
CXT2 RADIOMETRIX-CXT2 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
UHX1-144-5 RADIOMETRIX-UHX1-144-5 Datasheet
370Kb / 7P
   NBFM Multichannel 500mW VHF Transceiver
ENX1 RADIOMETRIX-ENX1 Datasheet
264Kb / 11P
   VHF 12.5kHz channel NBFM TRANSCEIVER
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com