Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERD33F Datasheet (PDF) - Micro Commercial Components

ERD33F Datasheet PDF - Micro Commercial Components
Part # ERD33F
Download  ERD33F Download

File Size   245.69 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1000 mW Zener Diode 3.3 to 75 Volts

ERD33F Datasheet (PDF)

Go To PDF Page Download Datasheet
ERD33F Datasheet PDF - Micro Commercial Components

Part # ERD33F
Download  ERD33F Click to download

File Size   245.69 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 1000 mW Zener Diode 3.3 to 75 Volts

ERD33F Datasheet (HTML) - Micro Commercial Components

ERD33F Datasheet HTML 1Page - Micro Commercial Components ERD33F Datasheet HTML 2Page - Micro Commercial Components ERD33F Datasheet HTML 3Page - Micro Commercial Components ERD33F Datasheet HTML 4Page - Micro Commercial Components

ERD33F Product details

Features

•  DO-41 Glass sealed package

•  Planar process

• High Reliability

• Marking : Cathode band and type number




Similar Part No. - ERD33F

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERD31 FUJI-ERD31 Datasheet
51Kb / 3P
   FAST RECOVERY DIODE
ERD32 FUJI-ERD32 Datasheet
42Kb / 2P
   FAST RECOVERY DIODE( 100 to 200V / 3A )
logo
Shenzhen Taychipst Elec...
ERD32-02 TAYCHIPST-ERD32-02 Datasheet
4Mb / 2P
   PLASTIC SILICON RECTIFIER
logo
Littelfuse
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
   Dedicated - Recycle
2016 Rev: 1-A-061016
logo
Fuji Electric
ERD36M FUJI-ERD36M Datasheet
63Kb / 4P
   FAST RECOVERY DIODE
More results


Similar Description - ERD33F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZT52B3V0JS MCC-BZT52B3V0JS Datasheet
540Kb / 4P
   200 mW Zener Diode 3.0 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
   500 mW Zener Diode 2.0 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com