|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DS1640C - Personal Computer Power FET - Dallas Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M68732EH | SILICON MOS FET POWER AMPLIFIER 520-530MHz 6.5W FM PORTABLE RADIO | 1 2 | Mitsubishi Electric Semiconductor |
| M68757L | SILICON MOS FET POWER AMPLIFIER 806-870MHz 3W FM PORTABLE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| HA16148PS | AC/DC Switching Converter Controller IC With High-Voltage Power MOS FET | 1 2 3 4 5 More | Hitachi Semiconductor |
| MMFT3055E | MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MRF174 | N-CHANNEL MOS BROADBAND RF POWER FET | 1 2 3 4 5 More | Motorola, Inc |
| MTB23P06E | TMOS POWER FET 23 AMPERES 60 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MTB4N80E1 | TMOS POWER FET 4.0 AMPERES 800 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MTD1302 | TMOS POWER FET 20 AMPERES 30 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MTD2N50E | TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS on = 3.6 OHM | 1 2 3 4 5 More | Motorola, Inc |
| MTE215N10E | TMOS POWER FET 215 AMPERES 100 VOLTS RDS on = 0.0055 OHM | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|