|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IXGH35N120 - IGBT Lightspeed Series - IXYS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IXGH24N60C | HiPerFAST IGBT Lightspeed Series | 1 2 | IXYS Corporation |
| IXGH32N60C | HiPerFAST IGBT Lightspeed Series | 1 2 3 4 | IXYS Corporation |
| IXGA24N60C | HiPerFAST IGBT Lightspeed Series | 1 2 | IXYS Corporation |
| IXGH24N60CD1 | HiPerFAST IGBT with Diode Lightspeed Series | 1 2 3 4 5 | IXYS Corporation |
| IXGH15N120C | IGBT Lightspeed Series | 1 2 | IXYS Corporation |
| FGK60N6S2D | 600V SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| HGTG12N60A4D | 600V SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| HGTP12N60C3D | 24A 600V UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes | 1 2 3 4 5 More | Fairchild Semiconductor |
| 1MBI200L-120 | IGBT MODULE L series | 1 2 3 4 | Fuji Electric |
| 1MBI400N-120 | IGBT MODULE N series | 1 2 3 4 | Fuji Electric |
Datasheet Page |
1 2 |
Link URL |
|
|