Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U227B Datasheet (PDF) - ATMEL Corporation

U227B Datasheet PDF - ATMEL Corporation
Part # U227B
Download  U227B Download

File Size   324.64 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Carrier Frequency fosc 100 kHz to 150 kHz

U227B Datasheet (PDF)

Go To PDF Page Download Datasheet
U227B Datasheet PDF - ATMEL Corporation

Part # U227B
Download  U227B Click to download

File Size   324.64 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Carrier Frequency fosc 100 kHz to 150 kHz

U227B Datasheet (HTML) - ATMEL Corporation

Back Button U227B Datasheet HTML 1Page - ATMEL Corporation U227B Datasheet HTML 2Page - ATMEL Corporation U227B Datasheet HTML 3Page - ATMEL Corporation U227B Datasheet HTML 4Page - ATMEL Corporation U227B Datasheet HTML 5Page - ATMEL Corporation U227B Datasheet HTML 6Page - ATMEL Corporation U227B Datasheet HTML 7Page - ATMEL Corporation U227B Datasheet HTML 8Page - ATMEL Corporation U227B Datasheet HTML 9Page - ATMEL Corporation U227B Datasheet HTML 10Page - ATMEL Corporation Next Button 



Similar Part No. - U227B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2270B TEMIC-U2270B Datasheet
146Kb / 13P
   Read / Write Base Station IC
logo
ATMEL Corporation
U2270B ATMEL-U2270B Datasheet
319Kb / 18P
   Read/Write Base Station
U2270B-MFPG3Y ATMEL-U2270B-MFPG3Y Datasheet
319Kb / 18P
   Read/Write Base Station
U2270B-MFPY ATMEL-U2270B-MFPY Datasheet
319Kb / 18P
   Read/Write Base Station
U2270B ATMEL-U2270B_08 Datasheet
319Kb / 18P
   Read/Write Base Station
More results


Similar Description - U227B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5575M1 ATMEL-ATA5575M1 Datasheet
253Kb / 7P
   Read/Write LF RFID IDIC 100 kHz to 150 kHz
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
   Higher switching frequency up to 150 kHz
Revision: 17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
   Higher switching frequency up to 150 kHz
Revision: 17-Oct-16
logo
Emerson Network Power
AER03 EMERSON-NETWORKPOWER-AER03 Datasheet
561Kb / 2P
   Fixed frequency switching (150 kHz)
logo
Frequency Devices, Inc.
D70 FREQUENCYDEVICES-D70 Datasheet
677Kb / 14P
   100 Hz to 50 kHz Fixed Frequency
logo
List of Unclassifed Man...
2005B ETC2-2005B Datasheet
605Kb / 1P
   100 kHz to 150 MHz on six bands
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
logo
KR Electronics, Inc.
2275-15 KR-2275-15 Datasheet
51Kb / 3P
   150 KHz Lowpass
logo
ATMEL Corporation
ATA5577 ATMEL-ATA5577 Datasheet
204Kb / 8P
   Read/Write LF RFID IDIC 100 to 150 kHz
logo
SCHOTT CORPORATION
22601 SCHOTT-22601 Datasheet
17Kb / 1P
   PULSE TRANSFORMER, 150 kHz
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com