|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BS-C346RD - SINGLE DIGIT LED DISPLAYS - Yellow Stone Corp |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UVS-36X | 0.36 inch 9.14 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| BF-U811 | SINGLE DIGIT LED DISPLAYS | 1 2 | List of Unclassifed Manufacturers |
| BS-AE01RD | SINGLE DIGIT LED DISPLAYS | 1 | Yellow Stone Corp |
| UVS-40XXA | 0.4 inch 10.16 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-4X01 | 0.4 inch 10.0 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| BS-A411RD | SINGLE DIGIT LED DISPLAYS | 1 2 | List of Unclassifed Manufacturers |
| UVS-51X | 0.56 inch 14.22 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-54XA | 0.52 inch 13.2 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| BS-AB31RD | SINGLE DIGIT LED DISPLAYS | 1 2 | Yellow Stone Corp |
| UVS-5X01A | 0.56 inch 14.22 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
Datasheet Page |
1 2 |
Link URL |
|
|