Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

422K Datasheet (PDF) - Teledyne Technologies Incorporated

422K Datasheet PDF - Teledyne Technologies Incorporated
Part # 422K
Download  422K Download

File Size   217.1 Kbytes
Page   3 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description DPDT high-shock relay

422K Datasheet (PDF)

Go To PDF Page Download Datasheet
422K Datasheet PDF - Teledyne Technologies Incorporated

Part # 422K
Download  422K Click to download

File Size   217.1 Kbytes
Page   3 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description DPDT high-shock relay

422K Datasheet (HTML) - Teledyne Technologies Incorporated

422K Datasheet HTML 1Page - Teledyne Technologies Incorporated 422K Datasheet HTML 2Page - Teledyne Technologies Incorporated 422K Datasheet HTML 3Page - Teledyne Technologies Incorporated



Similar Part No. - 422K

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
422 TELEDYNE-422 Datasheet
748Kb / 6P
   TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
logo
List of Unclassifed Man...
422-017-520-100 ETC2-422-017-520-100 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
422-017-520-100 EDAC-422-017-520-100 Datasheet
103Kb / 1P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
422-017-520-100 EDAC-422-017-520-100 Datasheet
244Kb / 2P
   422 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | No Mounting Ears
logo
List of Unclassifed Man...
422-017-521-100 ETC2-422-017-521-100 Datasheet
356Kb / 2P
   200 Contact Spacing x 300 Row Spacing with Staggered Grid
More results


Similar Description - 422K

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
412H TELEDYNE-412H Datasheet
141Kb / 6P
   DPDT high-temperature relay
412V TELEDYNE-412V Datasheet
256Kb / 6P
   DPDT basic high-vibration relay
logo
List of Unclassifed Man...
MR62 ETC1-MR62 Datasheet
69Kb / 2P
   DPDT Signal Relay
logo
Teledyne Technologies I...
172 TELEDYNE-172 Datasheet
252Kb / 5P
   DPDT basic relay
712 TELEDYNE-712 Datasheet
310Kb / 6P
   DPDT basic relay
722 TELEDYNE-722 Datasheet
209Kb / 3P
   DPDT basic relay
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Omron Electronics LLC
G6S2FTRDC5 OMRON-G6S2FTRDC5 Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ8521 ZETTLER-AZ8521 Datasheet
75Kb / 4P
   DPDT SUBMINIATURE SIGNAL RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com